PART |
Description |
Maker |
12061C104M4T2A 12061C103K4T2A 08051C104K4T2A 0402Y |
Automotive MLCC Automotive AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Automotive MLCC Automotive MLCC Automotive
|
AVX Corporation
|
ST72P141K2XXXRE ST72T141K2MARE |
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
|
STMicroelectronics
|
SPC560D30L1B4E0X SPC560D30L3B4E0X SPC560D40L1B4E0X |
32-bit MCU family built on the Power Architecture for automotive body electronics applications 32-bit Power Architecture MCU for Automotive Body and Gateway Applications
|
STMicroelectronics ST Microelectronics
|
ST72124JX-AUTO ST72334J4TA_XXX ST72334J4TB_XXX ST7 |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
SAK-TC1775-L40EBA |
32-bit microcontroller for high demanding automotive and industrial applications (e.g. engine management, starter generator, 3-phase ... 32-Bit Microcontrollers - packaged
|
Infineon
|
STM8AH51A8 STM8AH51AA |
Automotive 8-bit MCU
|
STMicroelectronics
|
STM8AF51XX |
(STM8Axx1XX) Automotive 8-bit MCU
|
STMicroelectronics
|
ST72F324BK6TCS ST72F324BK6TCTXS ST72F324BK6TAS ST7 |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 32 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
IS25C32B-3ZLA3-TR IS25C32B-3GLA3-TR |
32K-BIT SPI AUTOMOTIVE EEPROM
|
Integrated Silicon Solution, Inc
|
IS24C02D-3GLA1-TR IS24C02D-3ZLA1-TR |
2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
|
Integrated Silicon Solution, Inc
|
SPC564A74L7CFAY SPC564A74B4CFAY SPC564A80B4CFAY SP |
32-bit Power Architecture MCU for Automotive Powertrain Applications
|
ST Microelectronics
|